| データシートサーチシステム |
|
MPC8309CVMADFCA データシート(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMADFCA データシート(HTML) 59 Page - NXP Semiconductors |
|
59 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 Freescale Semiconductor 59 Package and Pin Listings GPIO_9/TXCAN1/LSRCID1/LCS_B5 C17 IO OVDD - GPIO_10/RXCAN2/LSRCID2/LCS_B6 E15 IO OVDD - GPIO_11/TXCAN2/LSRCID3/LCS_B7 A18 IO OVDD - GPIO_12/RXCAN3/LSRCID4/LCLK1 D15 IO OVDD - GPIO_13/TXCAN3/LDVAL C18 IO OVDD - GPIO_14/RXCAN4 D16 IO OVDD - GPIO_15/TXCAN4 C19 IO OVDD - USB USBDR_PWRFAULT/CE_PIO_1 AA6 I OVDD 1 USBDR_CLK/UART2_SIN2/UART2_CTS_B1 AC9 I OVDD - USBDR_DIR AA7 I OVDD - USBDR_NXT/UART2_SIN1/QE_EXT_REQ_4 AC5 I OVDD - USBDR_TXDRXD0/GPIO_32 Y6 IO OVDD - USBDR_TXDRXD1/GPIO_33 W9 IO OVDD - USBDR_TXDRXD2/GPIO_34/QE_BRG_1 AB5 IO OVDD - USBDR_TXDRXD3/GPIO_35/QE_BRG_2 AA5 IO OVDD - USBDR_TXDRXD4/GPIO_36/QE_BRG_3 Y8 IO OVDD - USBDR_TXDRXD5/GPIO_37/QE_BRG_4 AC4 IO OVDD - USBDR_TXDRXD6/GPIO_38/QE_BRG_9 AC3 IO OVDD - USBDR_TXDRXD7/GPIO_39/QE_BRG_11 AB3 IO OVDD - USBDR_PCTL0/UART2_SOUT1/LB_POR_CFG _BOOT_ECC W8 O OVDD - USBDR_PCTL1/UART2_SOUT2/UART2_RTS_B 1/LB_POR_BOOT_ERR W7 O OVDD - USBDR_STP/QE_EXT_REQ_2 W6 O OVDD - PCI PCI_INTA_B B22 O OVDD - PCI_RESET_OUT_B F19 O OVDD - PCI_AD0 B23 IO OVDD - PCI_AD1 C21 IO OVDD - PCI_AD2 E20 IO OVDD - PCI_AD3 G19 IO OVDD - PCI_AD4 C23 IO OVDD - PCI_AD5 H19 IO OVDD - PCI_AD6/CE_PIO_0 D21 IO OVDD - PCI_AD7 F20 IO OVDD - |