データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1085D2T-R データシート(PDF) 17 Page - STMicroelectronics

部品番号 LD1085D2T-R
部品情報  3 A low drop positive voltage regulator adjustable and fixed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T-R データシート(HTML) 17 Page - STMicroelectronics

Back Button LD1085D2T-R Datasheet HTML 13Page - STMicroelectronics LD1085D2T-R Datasheet HTML 14Page - STMicroelectronics LD1085D2T-R Datasheet HTML 15Page - STMicroelectronics LD1085D2T-R Datasheet HTML 16Page - STMicroelectronics LD1085D2T-R Datasheet HTML 17Page - STMicroelectronics LD1085D2T-R Datasheet HTML 18Page - STMicroelectronics LD1085D2T-R Datasheet HTML 19Page - STMicroelectronics LD1085D2T-R Datasheet HTML 20Page - STMicroelectronics LD1085D2T-R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LD1085xx
Typical application
17/28
Figure 22.
Line transient
Figure 23.
Load transient
VI=12 to 13V, IO=200mA, CI = 1µF(tant), CO=10µF(tant),
CADJ=1µF
VI=12V, IO=0.12 to 3A, CI = 1µF(tant), CO=10µF(tant),
CADJ=1µF
Figure 24.
Load transient
VI=12V, IO=0.12 to 3A, CI = 1µF(tant), CO=10µF(tant),
CADJ=1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28