データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1085D2T-R データシート(PDF) 19 Page - STMicroelectronics

部品番号 LD1085D2T-R
部品情報  3 A low drop positive voltage regulator adjustable and fixed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T-R データシート(HTML) 19 Page - STMicroelectronics

Back Button LD1085D2T-R Datasheet HTML 15Page - STMicroelectronics LD1085D2T-R Datasheet HTML 16Page - STMicroelectronics LD1085D2T-R Datasheet HTML 17Page - STMicroelectronics LD1085D2T-R Datasheet HTML 18Page - STMicroelectronics LD1085D2T-R Datasheet HTML 19Page - STMicroelectronics LD1085D2T-R Datasheet HTML 20Page - STMicroelectronics LD1085D2T-R Datasheet HTML 21Page - STMicroelectronics LD1085D2T-R Datasheet HTML 22Page - STMicroelectronics LD1085D2T-R Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LD1085xx
Package mechanical data
19/28
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
C1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L93.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 mechanical data
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28