| データシートサーチシステム |
|
4525DO-MM3B0100G データシート(PDF) 4 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
4525DO-MM3B0100G データシート(HTML) 4 Page - TE Connectivity Ltd |
|
4 / 19 page ![]() MS4525DO SENSOR SOLUTIONS /// MS4525DO 04/2019 Page 4 PERFORMANCE SPECIFICATIONS Supply Voltage1: 5.0V or 3.3 VDC Reference Temperature: 25°C (unless otherwise specified) PARAMETERS MIN TYP MAX UNITS NOTES Accuracy -0.25 0.25 % SPAN 2 Total Error Band -1 1 % SPAN 3,7 Burst pressure SEE TABLE 1 Common mode pressure NOT TO EXCEED 300 PSI Load Resistance (RL) 10 k Ω Long term stability (offset & span) ±0.5 % SPAN Compensated Temperature -10 85 oC Operating Temperature -25 105 oC Weight 3 grams Update time 0.5 ms 6 Start time to data ready 8.4 ms 6 Solder temperature 250oC MAX 5 SEC. Media Non-Corrosive Dry Gases Compatible with Ceramic, Silicon, Borosilicate Glass, RTV, Gold, Aluminum and Epoxy. See “Wetted Material by Port Designation” chart below. Notes 1. Proper operation requires an external capacitor placed as shown in Connection Diagram. Output is not ratiometric to supply voltage. 2. The maximum deviation from a best fit straight line (BFSL) fitted to the output measured over the pressure range at 25C. Includes all errors due to pressure non linearity, hysteresis, and non repeatability. 3. Total pressure error band includes all accuracy errors, thermal errors over the compensated temperature range and span and offset calibration tolerances. For ideal sensor output with respect to input pressure and temperature, reference Transfer Function charts below. TEB values are valid only at the calibrated supply voltage. 4. The deviation from a best fit straight line (BFSL) fitted to the output measured over the compensated temperature range. 5. For errors beyond the compensated temperature range, see Extended Temperature Multiplier chart below. 6. Start time to data ready is the time to get valid data after POR (power on reset). The time to get subsequent valid data is then specified by the update time specification. 7. This product can be configured for custom OEM requirements, contact factory for lower power consumption or higher accuracy. CONNECTION DIAGRAM Notes 1. Place 100nF capacitor between Supply and GND to within 2 cm of sensor. |