| データシートサーチシステム |
|
4525DO-MM3B0100G データシート(PDF) 8 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
4525DO-MM3B0100G データシート(HTML) 8 Page - TE Connectivity Ltd |
|
8 / 19 page ![]() MS4525DO SENSOR SOLUTIONS /// MS4525DO 04/2019 Page 8 Pin Name Pin Function GND 1 Ground SUPPLY 2 Positive Supply Voltage SDA MISO 3 I2C Data SPI Data SCL SCLK 4 I2C Clock SPI Clock INT SS 5 I2C Interrupt SPI Chip Select 6-8 No Connection INT is not available for Pin Style “L” models Pressure Type Pmin Pmax Description Absolute 0psiA +Prange Output is proportional to the difference between 0psiA (Pmin) and pressure applied to Port 1. Differential/ Bidirectional -Prange +Prange Output is proportional to the difference between Port 1 and Port 2. Output swings positive when Port 1> Port 2. Output is 50% of total counts when Port 1=Port 2. Gauge 0psiG +Prange Output is proportional to the difference between 0psiG (Pmin) and Port 1. Output swings positive when Port 1> Port 2. Vacuum -15psiG +0psiG Output is inversely proportional to the difference between -15psiG pressure (Pmin) and pressure applied to Port 1. Compound -15psiG +Prange Output is proportional to the difference between -15psiG pressure (Pmin) and pressure applied to Port 1. *Prange is equal to the maximum full scale pressure specified in the ordering information. Standard ranges (psi) by port style WETTED MATERIAL BY PORT DESIGNATION Material Style Port Ceramic Silicon Borosilicate Glass RTV Gold Aluminum Epoxy DS, MM Port 1 X X X X X Port 2 X X X X X X X SS, TP, SM Port 1 X X X X X X X ‘X’ indicates Wetted Material |