| データシートサーチシステム |
|
SAP5SD-B-G1-R データシート(PDF) 51 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP5SD-B-G1-R データシート(HTML) 51 Page - Renesas Technology Corp |
|
51 / 67 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 51 January 28, 2016 Table 5.24 Activation of the SAP5 Master/Repeater Mode Master_Mode EEPROM flag ID_Code Master Mode 1 Master Mode 2 Repeater Mode 0 x OFF OFF OFF 1 0 to 4 ON OFF OFF 1 6 to FHEX OFF ON OFF 1 5 OFF OFF ON 5.19.2. Pin Assignment in Master and Repeater Modes In Master and Repeater Mode, the SAP5 pins are configured as follows. Pins that are not used are kept at logic high (high impedance) state in order to reduce internal power dissipation of the SAP5. Figure 5.9 SAP Package Pin Assignment in Master/Repeater Mode RESETn RX_DAT OSC2 OSC1 not used not used not used TX_DAT not used not used not used not used APF not used not used UOUT U5R LTGN CDC LTGP SAP5 Pin 1 Table 5.25 SAP5 Pin Assignment in Master and Repeater Modes SOP 20 Pin # SOP 16 Pin # Name Signal Name Pin Configuration Description in Master/Repeater Mode 1 - P1 None I/O Not used 2 - P0 None I/O Not used 3 1 D1 None I/O Not used 4 2 D0 TX_DAT IN Transmit signal (Manchester II signal) 5 3 DSTBn RESETn IN External reset input (active LOW) 6 4 LED1 RX_DAT OUT Receive signal (Manchester II signal) 7 5 OSC2 OSC2 OUT Crystal oscillator |