| データシートサーチシステム |
|
SAP5SD-B-G1-R データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP5SD-B-G1-R データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 67 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 18 January 28, 2016 Table 3.2 SAP5 Master Calls and Related Slave Responses Note: In Extended Address Mode, the "Select Bit" defines whether the A-Slave or B-Slave is being addressed. Depending on the type of master call, the I3 bit carries the select bit information (Sel) or the inverted select bit information ( Sel����)inExtendedAddressMode.TheExtendedAddressModecannotbeactivatediftheEEPROMflag Lock_EE_PRG is at the logic LOW level. Refer to section 4.3 for programming the Lock_EE_PRG flag. Master Request Slave Response Instruction Name ST CB A4 A3 A2 A1 A0 I4 I3 I2 I1 I0 PB EB SB I3 I2 I1 I0 PB EB Data_Exchange DEXG 0 0 A4 A3 A2 A1 A0 0 D3 Sel���� D2 D1 D0 PB 1 0 D3 D2 D1 D0 PB 1 Write_Parameter WPAR 0 0 A4 A3 A2 A1 A0 1 P3 Sel���� P2 P1 P0 PB 1 0 P3 P2 P1 P0 PB 1 Address_Assignment ADRA 0 0 0 0 0 0 0 A4 A3 A2 A1 A0 PB 1 0 0 1 1 0 0 1 Write_Extended_ID-Code_1 WID1 0 1 0 0 0 0 0 0 ID3 ID2 ID1 ID0 PB 1 0 0 0 0 0 0 1 Delete_Address DELA 0 1 A4 A3 A2 A1 A0 0 0 Sel 0 0 0 PB 1 0 0 0 0 0 0 1 Reset_Slave RES 0 1 A4 A3 A2 A1 A0 1 1 Sel���� 1 0 0 PB 1 0 0 1 1 0 0 1 Read_I/O-Configuration RDIO 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 0 0 PB 1 0 IO3 IO2 IO1 IO0 PB 1 Read_ID-Code RDID 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 0 1 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read_Extended_ID-Code_1 RID1 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 1 0 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read_Extended_ID-Code_2 RID2 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 1 1 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read_Status RDST 0 1 A4 A3 A2 A1 A0 1 1 Sel���� 1 1 0 PB 1 0 S3 S2 S1 S0 PB 1 Broadcast (Reset) BR01 0 1 1 1 1 1 1 1 0 1 0 1 1 1 — no slave response — |