データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAP51D-B-G1-R データシート(PDF) 17 Page - Renesas Technology Corp

部品番号 SAP51D-B-G1-R
部品情報  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SAP51D-B-G1-R データシート(HTML) 17 Page - Renesas Technology Corp

Back Button SAP51D-B-G1-R Datasheet HTML 13Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 14Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 15Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 16Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 17Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 18Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 19Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 20Page - Renesas Technology Corp SAP51D-B-G1-R Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
17
January 28, 2016
3.2.13. Summary of Master Calls
Table 3.2 and Table 3.3 on the following pages show the complete set of master calls that are decoded by the
SAP5 in Slave Mode. The master calls in Table 3.3 are intended for programming the SAP5 by the slave
manufacturer only. They become deactivated as soon as the Lock_EE_PRG and Safety_Program_Mode_Disable
flags are set in the Firmware Area of the EEPROM.
The following abbreviations are used in Table 3.2 and Table 3.3 column headings:
• ST: Start bit
• CB: Control bit
• PB: Parity Bit
• EB: End Bit
Important note regarding full compliance with the AS-Interface Complete Specification: In order to achieve full
compliance with the AS-Interface Complete Specification, the Lock_EE_PRG flag must be set by the
manufacturer of AS-i slave modules during the final manufacturing and configuration process and before an
AS-i slave device is delivered to field application users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67