| データシートサーチシステム |
|
SAP51D-B-G1-R データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP51D-B-G1-R データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 67 page ![]() AS-Interface Spec. V3.0 Compliant Universal AS-i IC SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 2 January 28, 2016 neg Main State Machine Power Supply pos MAN UART LTGP LTGN CDC U5R P[3:0] D[3:0] Output LED1, LED2 I / O DSTBn Output PSTBn Input PFAULT DSTB LED PSTB PFAULT EEPROM OSC1 OSC2 clk Oscillator PLL Offset I / O Offset I / O Param Data UOUT Thermal Protection APF Power Fail Detector Receiver Transmitter Electronic Inductor Typical Applications • AS-i Master Modules • AS-i Slave Modules • AS-i Safety Modules (SAP5S only) SAP5S/ SAP51 Block Diagram Ordering Information Ordering Code Operating Temperature Package Type RoHS? Packaging SAP5SD-A-G1-T -25°C to +85°C SOP20 / 300 mil Yes Tubes (37 parts/tube) SAP51D-A-G1-T SAP5SD-A-G1-R -25°C to +85°C SOP20 / 300 mil Yes Tape and Reel (1000 parts/reel) SAP51D-A-G1-R SAP5SD-B-G1-T -25°C to +85°C SOP16 / 300 mil Yes Tubes (46 parts/tube) SAP51D-B-G1-T SAP5SD-B-G1-R -25°C to +85°C SOP16 / 300 mil Yes Tape and Reel (1000 parts/reel) SAP51D-B-G1-R |