データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28F201 データシート(PDF) 2 Page - STMicroelectronics

部品番号 M28F201
部品情報  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F201 データシート(HTML) 2 Page - STMicroelectronics

  M28F201 Datasheet HTML 1Page - STMicroelectronics M28F201 Datasheet HTML 2Page - STMicroelectronics M28F201 Datasheet HTML 3Page - STMicroelectronics M28F201 Datasheet HTML 4Page - STMicroelectronics M28F201 Datasheet HTML 5Page - STMicroelectronics M28F201 Datasheet HTML 6Page - STMicroelectronics M28F201 Datasheet HTML 7Page - STMicroelectronics M28F201 Datasheet HTML 8Page - STMicroelectronics M28F201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AI00638C
A13
A10
17
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
9
A8
1
A9
DQ7
A14
32
M28F201
A11
G
E
25
Figure 2A. LCC Pin Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A17
W
A16
A12
VPP
VCC
A15
AI00639C
M28F201
(Normal)
8
1
9
16
17
24
25
32
VSS
Figure 2B. TSOP Pin Connections
DEVICE OPERATION
The M28F201 FLASH Memory product employs a
technology similar to a 2 Megabit EPROM but add
to the device functionality by providing electrical
erasure and programming. These functions are
managed by a command register. The functions
that are addressed via the command register de-
pend on the voltage applied to the VPP, program
voltage, input. When VPP is less than or equal to
6.5V, the command register is disabled and the
M28F201 functions as a read only memory provid-
ing operating modes similar to an EPROM (Read,
Output Disable, Electronic Signature Read and
Standby). When VPP is raised to 12V the command
register is enabled and this provides, in addition,
Erase and Program operations.
READ ONLY MODES, VPP
≤ 6.5V
For all Read Only Modes, except Standby Mode,
the Write Enable input W should be High. In the
Standby Mode this input is ’don’t care’.
Read Mode. The M28F201 has two enable inputs,
E and G, both of which must be Low in order to
output data from the memory. The Chip Enable (E)
is the power control and should be used for device
selection. Output Enable (G) is the output control
and should be used to gate data on to the output,
independant of the device selection.
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A17
W
A16
A12
VPP
VCC
A15
AI00640D
M28F201
(Reverse)
8
9
16
17
24
25
VSS
32
1
Figure 2C. TSOP Reverse Pin Connections
2/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21