| データシートサーチシステム |
|
M28F201 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28F201 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 21 page ![]() Symbol Parameter Value Unit TA Ambient Operating Temperature –40 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO Input or Output Voltages –0.6 to 7 V VCC Supply Voltage –0.6 to 7 V VA9 A9 Voltage –0.6 to 13.5 V VPP Program Supply Voltage, during Erase or Programming –0.6 to 14 V Note: Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents. Table 2. Absolute Maximum Ratings Identifier A0 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 Hex Data Manufacturer’s Code VIL 0 010 000 0 20h Device Code VIH 1 111 010 0 F4h Table 4. Electronic Signature VPP Operation E G W A9 DQ0 - DQ7 Read Only VPPL Read VIL VIL VIH A9 Data Output Output Disable VIL VIH VIH X Hi-Z Standby VIH X X X Hi-Z Electronic Signature VIL VIL VIH VID Codes Read/Write (2) VPPH Read VIL VIL VIH A9 Data Output Write VIL VIH VIL Pulse A9 Data Input Output Disable VIL VIH VIH X Hi-Z Standby VIH X X X Hi-Z Notes: 1. X = VIL or VIH. 2. Refer also to the Command table. Table 3. Operations (1) 3/21 M28F201 |