| データシートサーチシステム |
|
APM32E103CEU6-R データシート(PDF) 34 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32E103CEU6-R データシート(HTML) 34 Page - Geehy Semiconductor Co., Ltd. |
|
34 / 79 page ![]() www.g eeh y.co m Pag e 33 5. Electrical characteristics 5.1. Test conditions of electrical characteristics 5.1.1. Maximum and minimum values Unless otherwise specified, all products are tested on the production line at TA=25 ℃. Its maximum and minimum values can support the worst environmental temperature, power supply voltage and clock frequency. In the notes at the bottom of each table, it is stated that the data are obtained through comprehensive evaluation, design simulation or process characteristics and are not tested on the production line; on the basis of comprehensive evaluation, after passing the sample test, take the average value and add and subtract three times the standard deviation (average ±3∑) to get the maximum and minimum values. 5.1.2. Typical value Unless otherwise specified, typical data are measured based on TA=25 ℃, VDD=VDDA=3.3V. these data are only used for design guidance. 5.1.3. Typical curve Unless otherwise specified, typical curves will only be used for design guidance and will not be tested. |