| データシートサーチシステム |
|
STA027 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA027 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 44 page ![]() STA027 5 Register description CD00066274 31/44 5.8.5 CRC_IGNORE : Address : 0x52 (82) Type : RW - ABO Software Reset : 0 Description : For decoders having CRC abilities (see each decoder configuration), if set to 0 enable the check of CRC, if set to 1 disable the check of the CRC. 5.8.6 MUTE : Address : 0x53 (83) Type : RW - ABO Software Reset : 0 Description : For decoders having MUTE abilities (see each decoder configuration), if set to 0 disable the mute of the decoder, if set to 1 enable the mute of the decoder. Note that during a MUTE the input stream keeps on entering. 5.8.7 SKIP : Address : 0x57 (87) Type : RW - ABO Software Reset : 0 Description : For data flux using USSB Input, if SKIP == n>2, decoder skip (n-1) out of n frames. Note that maximum value for n is 8, and if n==0 or n==1, no frames is skipped. 5.8.8 PAUSE : Address : 0x58 (88) b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 |