データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W160BT90GBT データシート(PDF) 30 Page - STMicroelectronics

部品番号 M28W160BT90GBT
部品情報  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160BT90GBT データシート(HTML) 30 Page - STMicroelectronics

Back Button M28W160BT90GBT Datasheet HTML 26Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 27Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 28Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 29Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 30Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 31Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 32Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 33Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
M28W160BT, M28W160BB
30/45
Figure 17. TFBGA46 6.39x6.37mm - 8x6 ball array, 0.75mm pitch, Bottom View Package Outline
Drawing is not to scale.
Table 18. TFBGA46 6.39x6.37mm - 8x6 ball array, 0.75mm pitch, Package Mechanical Data
E1
E
D1
D
b
A2
A1
A
BGA-Z13
ddd
e
e
FD
FE
SD
SE
BALL "A1"
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.200
0.0079
A2
1.000
0.0394
b
0.400
0.350
0.450
0.0157
0.0138
0.0177
D
6.390
6.290
6.490
0.2516
0.2476
0.2555
D1
5.250
–
–
0.2067
–
–
ddd
0.100
0.0039
E
6.370
6.270
6.470
0.2508
0.2469
0.2547
e
0.750
–
–
0.0295
–
–
E1
3.750
–
–
0.1476
–
–
FD
0.570
–
–
0.0224
–
–
FE
1.310
–
–
0.0516
–
–
SD
0.375
–
–
0.0148
–
–
SE
0.375
–
–
0.0148
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45