データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W160BT90GBT データシート(PDF) 32 Page - STMicroelectronics

部品番号 M28W160BT90GBT
部品情報  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160BT90GBT データシート(HTML) 32 Page - STMicroelectronics

Back Button M28W160BT90GBT Datasheet HTML 28Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 29Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 30Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 31Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 32Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 33Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 34Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 35Page - STMicroelectronics M28W160BT90GBT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
M28W160BT, M28W160BB
32/45
PART NUMBERING
Table 19. Ordering Information Scheme
Table 20. Daisy Chain Ordering Scheme
Note:Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available
options (Speed, Package, etc...) or for further information on any aspect of this device, please contact
the ST Sales Office nearest to you.
Example:
M28W160BT
90
N
6
T
Device Type
M28
Operating Voltage
W=VDD = 2.7V to 3.6V; VDDQ = 1.65V to 3.6V
Device Function
160B = 16 Mbit (x16), Boot Block
Array Matrix
T=TopBoot
B = Bottom Boot
Speed
70 = 70 ns
85 = 85 ns
90 = 90 ns
100 = 100 ns
Package
N = TSOP48: 12 x 20 mm
GB = µBGA46: 6.39 x 6.37mm, 0.75 mm pitch
ZB = TFBGA46: 6.39 x 6.37mm, 0.75 mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
Example:
M28W160B
-GB T
Device Type
M28W160B
Daisy Chain
-GB = µBGA46: 6.39 x 6.37mm, 0.75 mm pitch
-ZB = TFBGA46: 6.39 x 6.37mm, 0.75 mm pitch
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45