| データシートサーチシステム |
|
7383-R5C3-APSB データシート(PDF) 3 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
7383-R5C3-APSB データシート(HTML) 3 Page - Everlight Electronics Co., Ltd |
|
3 / 8 page ![]() EVERLIGHT ELECTRONICS CO.,LTD. Technical Data Sheet 7383/R5C3-APSB/X/MS Everlight Electronics Co., Ltd. http\\:www.everlight.com Rev 4 Page: 3 of 8 Device Number : DLE-738-016 Prepared date:11-07-2005 Prepared : Grace Shen Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Rating Units Forward Current IF 50 mA Pulse Forward Current *1 IFP 160 mA Operating Temperature Topr -40 ~ +85 ℃ Storage Temperature Tstg -40 ~ +100 ℃ Electrostatic Discharge ESD 4K V Soldering Temperature *2 Tsol 260 ±5 ℃ Power Dissipation Pd 120 mW Zener Reverse Current Iz 100 mA Reverse Voltage VR 5 V Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10. *2:Soldering time≦5 seconds. Electro-Optical Characteristics (Ta=25℃) Parameter Symbol Condition Min. Typ. Max. Units Forward Voltage VF IF=20mA -- 2.0 2.6 V Zener Reverse Voltage Vz IZ=5mA 5.2 -- -- V Luminous Intensity IV IF=20mA 2850 4500 --- mcd Viewing Angle 2θ1/2 IF=20mA -- 30 -- deg Peak Wavelength λp IF=20mA -- 632 -- nm Dominant Wavelength λd IF=20mA -- 624 -- nm Spectrum Radiation Bandwidth Δλ IF=20mA -- 20 -- nm Reverse Current IR VR=5V -- -- 50 μA |