| データシートサーチシステム |
|
7383-R5C3-APSB データシート(PDF) 2 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
7383-R5C3-APSB データシート(HTML) 2 Page - Everlight Electronics Co., Ltd |
|
2 / 8 page ![]() EVERLIGHT ELECTRONICS CO.,LTD. Technical Data Sheet 7383/R5C3-APSB/X/MS Everlight Electronics Co., Ltd. http\\:www.everlight.com Rev 4 Page: 2 of 8 Device Number : DLE-738-016 Prepared date:11-07-2005 Prepared : Grace Shen Package Dimensions Stopper type No Stopper type Notes: ․All dimensions are in millimeters, tolerance is 0.25mm except being specified. ․Lead spacing is measured where the lead emerges from the package. ․Protruded resin under flange is 1.5mm Max LED. |