| データシートサーチシステム |
|
38607 データシート(PDF) 2 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
38607 データシート(HTML) 2 Page - Wiha Tools |
|
2 / 3 page ![]() 229 Screwdriver with bit magazine LiftUp 70 magnetic Phillips, slotted with 6 bits, 1/4" 3803 01-020 Order-No. 38588 5 1 x 4,0 / 1 x 5,5 / 1 x 6,5 1 x PH1 / 1 x PH2 / 1 x PH3 Screwdriver with bit magazine LiftUp 70 magnetic Phillips slotted with 6 bits, 1/4" in blister pack SB 3803 01-020 Order-No. 38594 5 1 x 4,0 / 1 x 5,5 / 1 x 6,5 1 x PH1 / 1 x PH2 / 1 x PH3 Screwdriver with bit magazine LiftUp 70 magnetic assortedwith 6 bits, 1/4" 3803 01-021 Order-No. 38589 5 1 x 5,5 1 x PH2 1 x PZ1 / 1 x PZ2 1 x T20 / 1 x T25 1 x 5,5 1 x PH2 1 x PZ1 / 1 x PZ2 1 x T20 / 1 x T25 Screwdriver with bit magazine LiftUp 70 magnetic Phillips slotted with 6 bits, 1/4" in blister pack SB 3803 01-021 Order-No. 38595 5 Screwdriver with bit magazine LiftUp 70 magnetic TORX®, Pozidriv with 6 bits, 1/4" 3803 01-022 Order-No. 38590 5 1 x PZ1 / 1 x PZ2 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 Screwdriver with bit magazine LiftUp 70 magnetic TORX®, Pozidriv with 6 bits, 1/4" in blister pack SB 3803 01-022 Order-No. 38596 5 1 x PZ1 / 1 x PZ2 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 Screwdriver with bit magazine LiftUp 70 magnetic Pozidriv, Phillips, TORX® with 6 bits, 1/4" 3803 01-023 Order-No. 38591 5 1 x PH2 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T20 / 1 x T25 Screwdriver with bit magazine LiftUp 70 magnetic TORX®, Pozidriv, Phillips with 6 bits, 1/4" in blister pack SB 3803 01-023 Order-No. 38597 5 1 x PH2 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T20 / 1 x T25 Screwdriver with bit magazine LiftUp 70 magnetic TORX® with 6 bits, 1/4" 3803 01-024 Order-No. 38592 5 1 x T10 / 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 / 1 x T40 Screwdriver with bit magazine LiftUp 70 magnetic TORX® with 6 bits, 1/4" in blister pack SB 3803 01-024 Order-No. 38598 5 1 x T10 / 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 / 1 x T40 Screwdriver with bit magazine LiftUp 70 magnetic Pozidriv with 6 bits, 1/4" 3803 01-025 Order-No. 38593 5 1 x PZ1 / 4 x PZ2 / 1 x PZ3 |