| データシートサーチシステム |
|
38607 データシート(PDF) 3 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
38607 データシート(HTML) 3 Page - Wiha Tools |
|
3 / 3 page ![]() 230 Screwdriver with bit magazine LiftUp 25 magnetic assorted with 12 bits, 1/4" 3803 02-020 Order-No. 38600 5 1 x 4,5 / 1 x 6,5 1 x PH1 / 1 x PH2 / 1 x PH3 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 assorted with 12 bits, 1/4" in blister pack SB 3803 02-020 Order-No. 38605 5 1 x 4,5 / 1 x 6,5 1 x PH1 / 1 x PH2 / 1 x PH3 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 assorted with 12 bits, 1/4" 3803 02-021 Order-No. 38601 5 1 x 5,5 1 x PH2 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 1 x 3,0 / 1 x 4,0 / 1 x 5,0 assorted with 12 bits, 1/4" in blister pack SB 3803 02-021 Order-No. 38606 5 1 x 5,5 1 x PH2 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 1 x 3,0 / 1 x 4,0 / 1 x 5,0 TORX®, Pozidriv with 12 bits, 1/4" 3803 02-022 Order-No. 38602 5 1 x PZ1 / 2 x PZ2 / 1 x PZ3 1 x T10 / 1 x T15 / 2 x T20 / 2 x T25 / 1 x T30 / 1 x T40 TORX®, Pozidriv with 12 bits, 1/4" in blister pack SB 3803 02-022 Order-No. 38607 5 1 x PZ1 / 2 x PZ2 / 1 x PZ3 1 x T10 / 1 x T15 / 2 x T20 / 2 x T25 / 1 x T30 / 1 x T40 Pozidriv, TORX®, Phillips with 12 bits, 1/4" 3803 02-023 Order-No. 38603 5 1 x PH1 / 1 x PH2 / 1 x PH3 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T10 / 1 x T15 / 1 x T20 / 2 x T25 / 1 x T30 / 1 x T40 Pozidriv, Phillips, TORX® with 12 bits, 1/4" in blister pack SB 3803 02-023 Order-No. 38608 5 1 x PH1 / 1 x PH2 / 1 x PH3 1 x PZ1 / 1 x PZ2 / 1 x PZ3 1 x T10 / 1 x T15 / 1 x T20 / 1 x T25 / 1 x T30 / 1 x T40 TORX®, Phillips, Pozidriv with 12 bits, 1/4" 3803 02-024 Order-No. 38604 5 2 x PH2 1 x PZ1 / 5 x PZ2 / 1 x PZ3 1 x T15 / 1 x T20 / 1 x T25 TORX®, Pozidriv, Phillips with 12 bits, 1/4" in blister pack SB 3803 02-024 Order-No. 38609 5 2 x PH2 1 x PZ1 / 5 x PZ2 / 1 x PZ3 1 x T15 / 1 x T20 / 1 x T25 Screwdriver with bit magazine magnetic assorted with 8 bits, 1/4" 3809 01-01 Order-No. 32901 5 1 x 6,5 1 x PH1 / 1 x PH2 / 1 x PH3 1 x PZ2 1 x T15 / 1 x T20 / 1 x T25 Screwdriver with bit magazine LiftUp 70 magnetic Pozidriv with 6 bits, 1/4" in blister pack SB 3803 01-025 Order-No. 38599 5 1 x PZ1 / 4 x PZ2 / 1 x PZ3 |