| データシートサーチシステム |
|
PQ201 データシート(PDF) 19 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ201 データシート(HTML) 19 Page - Pico Technology Ltd. |
|
19 / 42 page ![]() PicoScope® 6000E Series Powerful tools provide endless options Your PicoScope is provided with many powerful tools to help you acquire and analyze waveforms. While these tools can be used on their own, the real power of PicoScope lies in the way they have been designed to work together. As an example, the rapid trigger mode allows you to collect 40 000 waveforms in a few milliseconds with minimal dead time between them. Manually searching through these waveforms would be time-consuming, so just pick a waveform you are happy with and let the mask tools scan through for you. When done, the measurements will tell you how many have failed and the waveform navigator allows you to hide the good waveforms and just display the problem ones. All waveforms that pass or fail your set measurement limits can be filtered within the waveform navigator to make it easier to find and view all waveforms that pass or fail your set measurement limits. The screenshot below shows a plot of the changing frequency of the signal on channel A versus time as a graph. Perhaps instead you want to plot changing duty cycle as a graph? How about outputting a waveform from the AWG and also automatically saving the waveform to disk when a trigger condition is met? With the power of PicoScope the possibilities are almost endless. To find out even more about the capabilities of PicoScope software, visit our online A to Z of PC Oscilloscopes. |