データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PQ201 データシート(PDF) 23 Page - Pico Technology Ltd.

部品番号 PQ201
部品情報  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PICO [Pico Technology Ltd.]
ホームページ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 データシート(HTML) 23 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 19Page - Pico Technology Ltd. PQ201 Datasheet HTML 20Page - Pico Technology Ltd. PQ201 Datasheet HTML 21Page - Pico Technology Ltd. PQ201 Datasheet HTML 22Page - Pico Technology Ltd. PQ201 Datasheet HTML 23Page - Pico Technology Ltd. PQ201 Datasheet HTML 24Page - Pico Technology Ltd. PQ201 Datasheet HTML 25Page - Pico Technology Ltd. PQ201 Datasheet HTML 26Page - Pico Technology Ltd. PQ201 Datasheet HTML 27Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
PicoScope® 6000E Series
Time-stamping
The PicoScope 6000E Series features hardware-based trigger time-stamping.
Each waveform can be time-stamped with the time in sample intervals from the
previous waveform.
Fast trigger rearm times are possible
down to 300 ns (typical).
Hardware acceleration engine (HAL4)
Some oscilloscopes struggle when you enable deep memory; the screen update rate slows and the
controls become unresponsive. The PicoScope 6000E Series avoids this limitation with the use of a
dedicated fourth-generation hardware acceleration (HAL4) engine inside the oscilloscope.
Its massively parallel design effectively creates the waveform image to be displayed on the PC screen
and allows the continuous capture and display to the screen of up to 4 billion samples every second.
The hardware acceleration engine eliminates any concerns about the USB connection or PC
processor performance being a bottleneck.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42