| データシートサーチシステム |
|
MSC8101UG/D データシート(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8101UG/D データシート(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 104 page ![]() MSC8103 Network Digital Signal Processor, Rev. 11 1-2 Freescale Semiconductor Signals/Connections P O W E R 6 0 x B U S 32 ↔ A[0–31] VDD → 14 5 ↔ TT[0–4] VDDH → 25 4 ↔ TSIZ[0–3] VCCSYN → 1 1 ↔ TBST VCCSYN1 → 1 1 ↔ IRQ1 GBL 3 → Reserved BADDR[29–31] IRQ[2–3, 5] GND → 37 1 ↔ BR GNDSYN → 1 1 ↔ BG GNDSYN1 → 1 1 ↔ ABB IRQ2 1 ↔ TS C P M I / O P O R T S 1 ↔ AACK 1 ← ARTRY For the signals multiplexed on Ports A–D, see Figure 1-2 Port A 1 ↔ DBG PA[31–6] ↔ 26 1 ↔ DBB IRQ3 32 ↔ D[0–31] Port B HDI16 Signals PB[31–18] ↔ 14 16 ↔ D[32–47] HD[0–15] 4 ↔ D[48–51] HA[0–3] Port C 1 ↔ D52 HCS1 PC[31–22, 15–12, 7–4] ↔ 18 Single DS Double DS 1 ↔ D53 HRW HRD/HRD Port D 1 ↔ D54 HDS/HDS HWR/HWR PD[31–29, 19–16, 7] ↔ 8 Single HR Double HR 1 ↔ D55 HREQ/HREQ HTRQ/HTRQ J T A G 1 ↔ D56 HACK/HACK HRRQ/HRRQ TMS → 1 1 ↔ D57 HDSP TDI → 1 1 ↔ D58 HDDS TCK → 1 1 ↔ D59 H8BIT TRST → 1 1 ↔ D60 HCS2 TDO ← 1 4 ↔ D[61–63] Reserved 1 ← Reserved DP0 Reserved EXT_Br2 EOnCE Event RESET Configuration 1 ↔ IRQ1 DP1 IRQ1 EXT_BG2 EED ↔ 1 1 ↔ IRQ2 DP2 Reserved EXT_DBG2 EE0 DBREQ ↔ 1 1 ↔ IRQ3 DP3 Reserved EXT_BR3 EE1 HPE ↔ 1 1 ↔ IRQ4 DP4 DREQ3 EXT_BG3 EE[2–3] ↔ 2 1 ↔ IRQ5 DP5 DREQ4 EXT_DBG3 EE[4–5] BTM[0–1] ↔ 2 1 ↔ IRQ6 DP6 DACK3 IRQ6 PORESET → 1 1 ↔ IRQ7 DP7 DACK4 IRQ7 RSTCONF → 1 1 ↔ TA HRESET ↔ 1 1 ↔ TEA SRESET ↔ 1 1 ← NMI 1 → NMI_OUT 1 ↔ PSDVAL 1 ↔ IRQ7 INT_OUT M E M C 8 → CS[0–7] CLKIN → 1 1 → BCTL1 BNK- SEL[0–2] TC[0–2] MODCK[1–3] → 3 2 → BADDR[27–28] CLKOUT ← 1 1 → ALE DLLIN → 1 1 → BCTL0 8 → PWE[0–7] PSDDQM[0–7] PBS[0–7] 1 → PSDA10 PGPL0 1 → PSDWE PGPL1 1 → POE PSDRAS PGPL2 TEST → 1 1 → PSDCAS PGPL3 THERM[1–2] ↔ 2 1 ↔ PGTA PUPMWAIT PPBS PGPL4 SPARE1, SPARE5 ↔ 2 1 → PSDAMUX PGPL5 Note: Refer to the System Interface Unit (SIU) chapter in the MSC8103 Reference Manual for details on how to configure these pins. Figure 1-1. MSC8103 External Signals |