| データシートサーチシステム |
|
MSC8101UG/D データシート(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8101UG/D データシート(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 104 page ![]() FC-PBGA Package Description MSC8103 Network Digital Signal Processor, Rev. 11 Freescale Semiconductor 3-3 Figure 3-2. MSC8103 Flip Chip Plastic Ball Grid Array (FC-PBGA), Bottom Vie 1 3 42 5 6 7 8 10 14 13 12 11 9 B C D E F G H N M L J K P A Bottom View T U 15 16 V W EE1 PA29 PA28 18 19 17 THERM IRQ1 PA31 PB30 TDO EE4 PA27 PB27 PC25 PC24 PC22 PB21 PB23 PA21 IRQ5 EE0 PD30 PD29 DP0 IRQ3 TMS PD31 EED EE3 PB28 PC26 PA25 PA24 SPARE PB22 PD19 PA18 PB19 D1 THERM PC30 PC29 IRQ4 D0 TRST PC31 EE5 EE2 PC28 PB26 PB25 PB24 PA22 PA20 PC15 PA15 PD18 D4 IRQ2 VDD PB29 D2 D3 TCK PB31 VDD VDDH VDD VDDH VDD PA23 PB18 PA17 PC12 SRESET PD16 D7 IRQ6 GND VDDH D5 D6 VDDH GND GND VDD GND GND PC23 PB20 PA19 PC13 NMI_ PO NMI D17 D14 PA30 GND D15 D16 D12 GND GND D13 PC27 PA16 PD17 GND VDDH VCC GND VCC GND D11 D8 GND GND D9 D10 GND TDI IRQ7 VDDH GND PA26 GND GND VDDH PC14 HRESET TEST RST D22 D19 D20 D21 GND D18 VDDH CLKIN DLL_IN VDD CLK PA11 PA14 PA13 D62 PWE5 PSDA PWE1 D61 PWE6 TEA BR PWE7 PSDA CS1 CS5 A28 A23 A19 A16 A9 A7 A11 D27 D24 D25 D26 D23 GND VDD GND GND VDDH PA12 PD7 PA9 PA10 D32 D29 D30 D31 GND D28 VDDH PC6 PC4 VDDH PC7 PA7 PC5 PA8 D37 D34 D35 D36 D33 GND VDDH GND VDD PA6 ABB INT SPARE D42 D39 D40 D41 GND D38 VDD TT1 GND VDDH AACK BG ARTRY D46 D43 TA GND D44 D45 PSD BADDR GND VDDH CS6 A21 TT0 GND VDD TS TBST D51 D48 GND PWE2 D49 D50 GND BADDR PSD D47 GND A26 A1 GND VDDH A3 TT3 TT4 TT2 D55 D52 VDDH GND D53 D54 VDDH GND GND VDDH GND GND VDDH GND VDDH VDDH A2 A0 A4 D60 D57 VDDH VDDH D58 D59 VDDH VDD VDD D56 VDD CS0 VDDH VDD A15 A12 A6 A5 A8 D63 GBL PGTA PWE0 DBB DBG MOD ALE MOD CS3 CS7 A30 A27 A24 A20 A13 A10 A17 R 1 2 10 MOD CK1 CK2 CK3 31 30 MUX CS2 1 SYN1 OUT 5 CONF SYN1 OUT SYN RESET SYN VAL BADDR BADDR BADDR POE PWE4 BCTL0 PSD 28 29 27 CAS PWE3 BCTL1 CS4 A31 A29 A25 A22 A14 A18 WE 1 3 42 5 6 7 8 10 14 13 12 11 9 15 16 18 19 17 B C D E F G H N M L J K P A T U V W R _OUT TSIZ1 TSIZ3 TSIZ0 TSIZ2 Note: Signal names in this figure are the default signals after reset, except for signals C2, C19, D1, D2, D18, E1, F3, H13, H14, and W11 which show the second configuration signal name. |