| データシートサーチシステム |
|
M41ST84WMQ データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST84WMQ データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() M41ST84Y, M41ST84W 28/31 Figure 25. SH – 4-pin SNAPHAT Housing for 120mAh Battery & Crystal, Package Outline Note: Drawing is not to scale. Table 18. SH – 4-pin SNAPHAT Housing for 120mAh Battery & Crystal, Package Mechanical Data Symbol millimeters inches Typ Min Max Typ Min Max A 10.54 0.4150 A1 6.73 7.24 0.2650 0.2850 A2 6.48 6.99 0.2551 0.2752 A3 0.38 0.0150 B 0.46 0.56 0.0181 0.0220 D 21.21 21.84 0.8350 0.8598 E 14.22 14.99 0.5598 0.5902 eA 15.55 15.95 0.6122 0.6280 eB 3.20 3.61 0.1260 0.1421 L 2.03 2.29 0.0799 0.0902 SHTK-A A1 A D E eA eB A2 B L A3 |