| データシートサーチシステム |
|
M41ST84WMQ データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST84WMQ データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 31 page ![]() 29/31 M41ST84Y, M41ST84W PART NUMBERING Table 19. Ordering Information Scheme Note: 1. The 28-pin SOIC package (SOH28) requires the battery/crystal package (SNAPHAT®) which is ordered separately under the part number “M4TXX-BR12SHX” in plastic tube or “M4TXX-BR12SHXTR” in Tape & Reel form. 2. Contact Local Sales Office Caution: Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will drain the lithium button-cell battery. For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device, please contact the ST Sales Office nearest to you. Table 20. SNAPHAT Battery Table Example: M41ST 84Y MQ 6 TR Device Type M41ST Supply Voltage and Write Protect Voltage 84Y = VCC = 4.5 to 5.5V; 4.20V ≤ VPFD ≤ 4.50V 84W = VCC = 2.7 to 3.6V; 2.55V ≤ VPFD ≤ 2.70V Package MQ = SO16 MH(1,2) = SOH28 Temperature Range 6 = –40 to 85°C Shipping Method for SOIC blank = Tubes TR = Tape & Reel Part Number Description Package M4T28-BR12SH Lithium Battery (48mAh) and Crystal SNAPHAT SH M4T32-BR12SH Lithium Battery (120mAh) and Crystal SNAPHAT SH |