| データシートサーチシステム |
|
M48T201YMH データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T201YMH データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 33 page ![]() 25/33 M48T201Y, M48T201V DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, as well as the DC and AC characteristics of the device. The parameters in the following DC and AC Characteristic tables are derived from tests performed under the Measure- ment Conditions listed in the relevant tables. De- signers should check that the operating conditions in their projects match the measurement condi- tions when using the quoted parameters. Table 11. DC and AC Measurement Conditions Note: Output High Z is defined as the point where data is no longer driven. Figure 14. AC Testing Load Circuit Notes:Excluding open-drain output pin; 50pF for M48T201V. Table 12. Capacitance Note: 1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested. 2. At 25°C; f = 1MHz. 3. Outputs deselected. Parameter M48T201Y M48T201V Unit VCC Supply Voltage 4.5 to 5.5 3.0 to 3.6 V Ambient Operating Temperature 0 to 70 0 to 70 °C Load Capacitance (CL) 100 50 pF Input Rise and Fall Times ≤ 5 ≤ 5ns Input Pulse Voltages 0 to 3 0 to 3 V Input and Output Timing Ref. Voltages 1.5 1.5 V AI04764 CL = 100pF CL includes JIG capacitance 645 Ω DEVICE UNDER TEST 1.75V Symbol Parameter(1,2) Min Max Unit CIN Input Capacitance 10 pF COUT (3) Input/Output Capacitance 10 pF |