データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M48T201YMH データシート(PDF) 29 Page - STMicroelectronics

部品番号 M48T201YMH
部品情報  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201YMH データシート(HTML) 29 Page - STMicroelectronics

Back Button M48T201YMH Datasheet HTML 25Page - STMicroelectronics M48T201YMH Datasheet HTML 26Page - STMicroelectronics M48T201YMH Datasheet HTML 27Page - STMicroelectronics M48T201YMH Datasheet HTML 28Page - STMicroelectronics M48T201YMH Datasheet HTML 29Page - STMicroelectronics M48T201YMH Datasheet HTML 30Page - STMicroelectronics M48T201YMH Datasheet HTML 31Page - STMicroelectronics M48T201YMH Datasheet HTML 32Page - STMicroelectronics M48T201YMH Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29/33
M48T201Y, M48T201V
Figure 17. SH – 4-pin SNAPHAT Housing for 48mAh Battery & Crystal, Package Outline
Note: Drawing is not to scale.
Table 16. SH – 4-pin SNAPHAT Housing for 48mAh Battery & Crystal, Package Mech. Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.78
0.385
A1
6.73
7.24
0.265
0.285
A2
6.48
6.99
0.255
0.275
A3
0.38
0.015
B
0.46
0.56
0.018
0.022
D
21.21
21.84
0.835
0.860
E
14.22
14.99
0.560
0.590
eA
15.55
15.95
0.612
0.628
eB
3.20
3.61
0.126
0.142
L
2.03
2.29
0.080
0.090
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33