データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54HC09 データシート(PDF) 5 Page - STMicroelectronics

部品番号 M54HC09
部品情報  QUAD 2-INPUT AND GATE OPEN DRAIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC09 データシート(HTML) 5 Page - STMicroelectronics

  M54HC09 Datasheet HTML 1Page - STMicroelectronics M54HC09 Datasheet HTML 2Page - STMicroelectronics M54HC09 Datasheet HTML 3Page - STMicroelectronics M54HC09 Datasheet HTML 4Page - STMicroelectronics M54HC09 Datasheet HTML 5Page - STMicroelectronics M54HC09 Datasheet HTML 6Page - STMicroelectronics M54HC09 Datasheet HTML 7Page - STMicroelectronics M54HC09 Datasheet HTML 8Page - STMicroelectronics M54HC09 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Plastic DIP14 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
M54/M74HC09
5/9



Html Pages

1 2 3 4 5 6 7 8 9