| データシートサーチシステム |
|
OPGS1 データシート(PDF) 59 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPGS1 データシート(HTML) 59 Page - ABB |
|
59 / 192 page ![]() — Accessories for manual switch-disconnectors OT16...160 Ordering information for conversion kit accessories Shafts and handles for conversion kits Conversion kit type Suitable for switches To be ordered separately Included in conversion kit delivery The standard handle / shaft of one of the combined switches can be used Shaft Handle Shaft Handle Shaft Handle 6 and 8-pole switches OWP6D40 OT16...40 x (shaft dia 6 mm) OHBS1A_ - - - - OWP6D80 OT63...80 x (shaft dia 6 mm) OHBS1A_ - - - - OWP6D125 OT100...125 x (shaft dia 6 mm) OHBS1A_ - - - - OWP6D40 OT16...40 x (shaft dia 6 mm) OHB45J6 - - - - OWP6D80 OT63...80 x (shaft dia 6 mm) OHB45J6 - - - - OWP6D125 OT100...125 x (shaft dia 6 mm) OHB45J6 - - - - OTZW8 OT16...125 x x - - - - OESAZW2 OT160 - - - - x x Change-over switches OWC6D40 OT16…40 x (shaft dia 6 mm) OHBS2AJE011 - - - - OWC6D80 OT63…80 x (shaft dia 6 mm) OHBS2AJE011 - - - - OWC6D125 OT100...125 x (shaft dia 6 mm) OHBS2AJE011 - - - - OWC6D40 OT16…40 x (shaft dia 6 mm) OHB45J6E311 - - - - OWC6D80 OT63…80 x (shaft dia 6 mm) OHB45J6E311 - - - - OWC6D125 OT100...125 x (shaft dia 6 mm) OHB45J6E311 - - - - OESAZW1 OT160 - - - - x x By-pass switches OTZW17 OT16...160 - - x (3 pcs) OHB80J6E011 Mechanical interlock OTZW24 OT16...160 - - - - x x ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 59 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 59 |