| データシートサーチシステム |
|
OPGS1 データシート(PDF) 97 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPGS1 データシート(HTML) 97 Page - ABB |
|
97 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT160...800, base mounting, IEC OT630_K and OT800_K 6,30 23,5 0,93 180 7,09 A1 32,5 1,28 175,2 6,90 B1 41,5 1,63 144 5,67 C1 mm in 180 7,07 160 3,54 90 1,28 32,5 65 2,56 13,5 0,53 65 2,56 6 0,24 88,5 3,84 65 2,56 A 39 1,54 7,80 198 0,79 20 61,5/138,6 2,42/5,46 110,5 4,35 60,4 2,38 5 0,20 45 1,77 250 9,84 5 0,20 17 0,67 145 5,71 114 4,49 157 6,18 43 1,69 M00096/13*OT630-800_01-04K/ES A OT630/800 [mm/in] E01K E02K E03K E04K A 136/5,35 201/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1130/5,12195/7,68 260/10,24 325/12,80 C1148/5,83213/8,39 278/10,95 343/13,50 6,30 23,5 0,93 180 7,09 A1 32,5 1,28 175,2 6,90 B1 41,5 1,63 144 5,67 C1 mm in 180 7,07 160 3,54 90 1,28 32,5 65 2,56 13,5 0,53 65 2,56 6 0,24 88,5 3,84 65 2,56 A 39 1,54 7,80 198 0,79 20 61,5/138,6 2,42/5,46 110,5 4,35 60,4 2,38 5 0,20 45 1,77 250 9,84 5 0,20 17 0,67 145 5,71 114 4,49 157 6,18 43 1,69 M00096/13*OT630-800_01-04K/ES A OT630/800 [mm/in] E01K E02K E03K E04K A 136/5,35 201/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1130/5,12195/7,68 260/10,24 325/12,80 C1148/5,83213/8,39 278/10,95 343/13,50 Main dimensions mm, inches OT630/800 [mm] E01K E02K E03K E04K A 136/5,35 201/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1 130/5,12 195/7,68 260/10,24 325/12,80 C1 148/5,83 213/8,39 278/10,95 343/13,50 M00096/13*OT630-800_01-04K/ES A ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 97 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 97 |