データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPS2 データシート(PDF) 54 Page - ABB

部品番号 OPS2
部品情報  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OPS2 データシート(HTML) 54 Page - ABB

Back Button OPS2 Datasheet HTML 50Page - ABB OPS2 Datasheet HTML 51Page - ABB OPS2 Datasheet HTML 52Page - ABB OPS2 Datasheet HTML 53Page - ABB OPS2 Datasheet HTML 54Page - ABB OPS2 Datasheet HTML 55Page - ABB OPS2 Datasheet HTML 56Page - ABB OPS2 Datasheet HTML 57Page - ABB OPS2 Datasheet HTML 58Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for terminal clamps
Terminal clamp sets for Al- and Cu-cables, insulated versions
Suitable for switches
Cable cross section
Type
Order code
Weight/
unit
mm²
kg
OT63...125
16...50 Al, 2.5...50 Cu
OZXT1 **)
1SCA022469R6310
0.05
OT100...160
16...120 Al/Cu
OZXT2
1SCA022620R7200
0.21
OT100...160
2x(16...50) Al/Cu
OZXT3
1SCA022639R0720
0.21
**)
In=63 A
- More information on Al/Cu terminal clamps, see the catalogue OZX1A GB.
OZXT2
OZXT1
54
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
54
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION