データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPS2 データシート(PDF) 77 Page - ABB

部品番号 OPS2
部品情報  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OPS2 データシート(HTML) 77 Page - ABB

Back Button OPS2 Datasheet HTML 73Page - ABB OPS2 Datasheet HTML 74Page - ABB OPS2 Datasheet HTML 75Page - ABB OPS2 Datasheet HTML 76Page - ABB OPS2 Datasheet HTML 77Page - ABB OPS2 Datasheet HTML 78Page - ABB OPS2 Datasheet HTML 79Page - ABB OPS2 Datasheet HTML 80Page - ABB OPS2 Datasheet HTML 81Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
—
Front operated switch-disconnectors OT160...800, base mounting, IEC
Including a black Test-OFF-ON plastic direct mount handle and shaft as standard.
The handle is padlockable in the OFF-position.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
200
200/160
OT160EV03K
1SCA120513R1001
1.5
4
200
200/160
OT160EV04K
1SCA120520R1001
1.9
3
200
200/200
OT200E03K
1SCA022763R4820
1.5
4
200
200/200
OT200E04K
1SCA022763R4910
1.9
3
250
250/250
OT250E03K
1SCA022763R5040
1.5
4
250
250/250
OT250E04K
1SCA022763R5210
1.9
3
315
315/315
OT315E03K
1SCA022763R5630
2.9
4
315
315/315
OT315E04K
1SCA022763R5710
3.5
3
400
400/400
OT400E03K
1SCA022763R5390
2.9
4
400
400/400
OT400E04K
1SCA022763R5550
3.5
3
630
630/630
OT630E03K
1SCA022779R4940
6.3
4
630
630/630
OT630E04K
1SCA022779R5080
7.5
3
800
800/800
OT800E03K
1SCA022779R5160
6.3
4
800
800/800
OT800E04K
1SCA022779R5240
7.5
—
Direct mount handles and terminal bolt kits included as standard
Suitable for switches
Handle
Terminal bolt kit
OT160EV…250_K
OTV250EK
M8x25
OT315…400_K
OTV400EK
M10x30
OT630…800_K
OTV800EK
M12x40
OT160EV03K
OT200...250E03K
OT315...400E03K
OT630...800E03K
OT630...800E04K
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
77
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
77