データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM261...ZFG データシート(PDF) 167 Page - Texas Instruments

部品番号 AM261...ZFG
部品情報  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG データシート(HTML) 167 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 163Page - Texas Instruments AM261...ZFG Datasheet HTML 164Page - Texas Instruments AM261...ZFG Datasheet HTML 165Page - Texas Instruments AM261...ZFG Datasheet HTML 166Page - Texas Instruments AM261...ZFG Datasheet HTML 167Page - Texas Instruments AM261...ZFG Datasheet HTML 168Page - Texas Instruments AM261...ZFG Datasheet HTML 169Page - Texas Instruments AM261...ZFG Datasheet HTML 170Page - Texas Instruments AM261...ZFG Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 218 page
background image
6.11.5.14 Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS)
There are two unique Programmable Real-Time Unit and Industrial Communication Subsystems (PRU-ICSS0
and PRU-ICSS1) integrated into the device. The programmable nature of the PRU cores, along with enhanced
GPIO access to device pins, system events, and other device resources, provides flexibility in implementing fast
real-time responses, specialized data handling operations, custom peripheral interfaces, and offloading tasks
from other processor cores in the device.
For more details about features and additional description information on the device PRU-ICSS, see the
corresponding subsections within the device specific TRM.
Note
The PRU-ICSS requires a second layer of signal multiplexing in addition to the top-level device pin
multiplexing. Refer to the Environment section of the PRU-ICSS TRM Chapter for additional details.
Note
The generic PRU-ICSS naming and PRU_ prefix is used to represent the signal names for all PRU-
ICSS instances.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More