| データシートサーチシステム |
|
AM261...ZFG データシート(PDF) 60 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG データシート(HTML) 60 Page - Texas Instruments |
|
60 / 218 page ![]() Table 5-22. EPWM5 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EPWM5_B O EPWM Output B F1, G2 E1, G1 D1, D3 C1, D1 Table 5-23. EPWM6 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EPWM6_A O EPWM Output A B9, E1, E3 B11, C2, F2 C4, D8, E3 B10, B2, E3 EPWM6_B O EPWM Output B A9, F3 A11, F1 C10, F4 A11, E2 Table 5-24. EPWM7 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EPWM7_A O EPWM Output A C9, F4 D11, G2 B9, D2 D2 EPWM7_B O EPWM Output B A10, F1, G4 A12, G1, J2 B10, D1 D1 Table 5-25. EPWM8 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EPWM8_A O EPWM Output A B10, G3 D10, H2 A9, E2 E1 EPWM8_B O EPWM Output B D9, G2, H2 C9, E1, H1 C11, D3, E1 C1, F1 Table 5-26. EPWM9 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EPWM9_A O EPWM Output A G1, N1 K4, R2 F2, M2 F2, N2 EPWM9_B O EPWM Output B H2, J2, N4 H1, L2, R1 E1, F3, N1 F1, G1, N1 5.3.8 EQEP Table 5-27. EQEP0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EQEP0_A I EQEP Quadrature Input A B14, U18 A16, Y19 D13, R16 B15, W18 EQEP0_B I EQEP Quadrature Input B A14, T18 B16, W19 C13, N14 A15, V18 EQEP0_INDEX IO EQEP Index D11, N18 D15, U20 B13, L15 B14, R18 EQEP0_STROBE IO EQEP Strobe C12, M18 C14, T20 C12, M16 A14, T19 Table 5-28. EQEP1 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EQEP1_A I EQEP Quadrature Input A D15, P16 C18, V18 N15 B16, U18 EQEP1_B I EQEP Quadrature Input B C15, P17 C19, V20 N16 B17, U19 EQEP1_INDEX IO EQEP Index A12, N17, P2 A14, T19, U2 M15, P3 T1, T18 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 60 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |