| データシートサーチシステム |
|
AM261...ZFG データシート(PDF) 58 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG データシート(HTML) 58 Page - Texas Instruments |
|
58 / 218 page ![]() Table 5-12. CPSW0 MII1 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] MII1_RXD0 I MII Receive Data 0 F18, U17 H20, Y18 D14, P14 G18, W17 MII1_RXD1 I MII Receive Data 1 G16, T17 H19, W18 D16, P15 F18, V17 MII1_RXD2 I MII Receive Data 2 E17, U18 H17, Y19 R16 E17, W18 MII1_RXD3 I MII Receive Data 3 E18, T18 G20, W19 N14 F19, V18 MII1_TXD0 O MII Transmit Data 0 B18, P16 F17, V18 N15 D18, U18 MII1_TXD1 O MII Transmit Data 1 B17, P17 D20, V20 N16 C18, U19 MII1_TXD2 O MII Transmit Data 2 D16, P18 C20, U19 L13 B19, R17 MII1_TXD3 O MII Transmit Data 3 C17, N17 D19, T19 M15 C17, T18 Table 5-13. CPSW0 MII2 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] MII2_COL I MII Collision Detected F17 J19 E15 MII2_CRS I MII Carrier Sense G18 J20 E16 J18 MII2_RXCLK I MII Receive Clock K15 N20 H15 L18 MII2_RXDV I MII Receive Data Valid K16 L20 G15 J19 MII2_RX_ER I MII Receive Error G17 K19 F14 G17 MII2_TXCLK I MII Transmit Clock H18 M19 F16 K18 MII2_TX_EN O MII Transmit Enable L16 P18 H16 M19 MII2_RXD0 I MII Receive Data 0 K17 N17 K14 M18 MII2_RXD1 I MII Receive Data 1 K18 N19 H14 L19 MII2_RXD2 I MII Receive Data 2 J18 M18 G16 K19 MII2_RXD3 I MII Receive Data 3 J17 M20 J14 L17 MII2_TXD0 O MII Transmit Data 0 M16 P20 J15 N18 MII2_TXD1 O MII Transmit Data 1 M15 P19 J16 N19 MII2_TXD2 O MII Transmit Data 2 H17 K20 F15 H19 MII2_TXD3 O MII Transmit Data 3 H16 L19 G14 H18 Table 5-14. MDIO0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] MDIO0_MDC O MDIO Clock M17 T18 L14 R19 MDIO0_MDIO IO MDIO Data N16 R17 L16 P18 5.3.5 CPTS Table 5-15. CPTS0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit Output A16 A19 C16 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 58 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |