| データシートサーチシステム |
|
AT91SAM7S64 データシート(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S64 データシート(HTML) 9 Page - ATMEL Corporation |
|
9 / 42 page ![]() 9 6175BS–ATARM–04-Nov-05 AT91SAM7S Series Summary 5. Package and Pinout The AT91SAM7S256/128/64/321 are available in a 64-lead LQFP package. The AT91SAM7S32 is available in a 48-lead LQFP package. 5.1 64-lead LQFP Mechanical Overview Figure 5-1 shows the orientation of the 64-lead LQFP package. A detailed mechanical descrip- tion is given in the section Mechanical Characteristics of the full datasheet. Figure 5-1. 64-lead LQFP Package Pinout (Top View) 5.2 64-lead LQFP Pinout 33 49 48 32 17 16 1 64 Table 5-1. AT91SAM7S256/128/64/321 Pinout in 64-lead LQFP Package 1 ADVREF 17 GND 33 TDI 49 TDO 2 GND 18 VDDIO 34 PA6/PGMNOE 50 JTAGSEL 3 AD4 19 PA16/PGMD4 35 PA5/PGMRDY 51 TMS 4 AD5 20 PA15/PGMD3 36 PA4/PGMNCMD 52 PA31 5 AD6 21 PA14/PGMD2 37 PA27/PGMD15 53 TCK 6 AD7 22 PA13/PGMD1 38 PA28 54 VDDCORE 7 VDDIN 23 PA24/PGMD12 39 NRST 55 ERASE 8 VDDOUT 24 VDDCORE 40 TST 56 DDM 9 PA17/PGMD5/AD0 25 PA25/PGMD13 41 PA29 57 DDP 10 PA18/PGMD6/AD1 26 PA26/PGMD14 42 PA30 58 VDDIO 11 PA21/PGMD9 27 PA12/PGMD0 43 PA3 59 VDDFLASH 12 VDDCORE 28 PA11/PGMM3 44 PA2/PGMEN2 60 GND 13 PA19/PGMD7/AD2 29 PA10/PGMM2 45 VDDIO 61 XOUT 14 PA22/PGMD10 30 PA9/PGMM1 46 GND 62 XIN/PGMCK 15 PA23/PGMD11 31 PA8/PGMM0 47 PA1/PGMEN1 63 PLLRC 16 PA20/PGMD8/AD3 32 PA7/PGMNVALID 48 PA0/PGMEN0 64 VDDPLL |