データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT91SAM7S64 データシート(PDF) 39 Page - ATMEL Corporation

部品番号 AT91SAM7S64
部品情報  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 データシート(HTML) 39 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 39Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 40Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 41Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 42Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
– Endpoint 0: 8 bytes
– Endpoint 1 and 2: 64 bytes ping-pong
– Endpoint 3: 64 bytes
– Ping-pong Mode (two memory banks) for bulk endpoints
• Suspend/resume logic
11.12 Analog-to-digital Converter
• 8-channel ADC
• 10-bit 384 Ksamples/sec. Successive Approximation Register ADC
• -3/+3 LSB Integral Non Linearity, -2/+2 LSB Differential Non Linearity
• Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs
• External voltage reference for better accuracy on low voltage inputs
• Individual enable and disable of each channel
• Multiple trigger source
– Hardware or software trigger
– External trigger pin
– Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger
• Sleep Mode and conversion sequencer
– Automatic wakeup on trigger and back to sleep mode after conversions of all
enabled channels
• Four of eight analog inputs shared with digital signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42