データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2240 データシート(PDF) 15 Page - SMSC Corporation

部品番号 USB2240
部品情報  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 データシート(HTML) 15 Page - SMSC Corporation

Back Button USB2240 Datasheet HTML 11Page - SMSC Corporation USB2240 Datasheet HTML 12Page - SMSC Corporation USB2240 Datasheet HTML 13Page - SMSC Corporation USB2240 Datasheet HTML 14Page - SMSC Corporation USB2240 Datasheet HTML 15Page - SMSC Corporation USB2240 Datasheet HTML 16Page - SMSC Corporation USB2240 Datasheet HTML 17Page - SMSC Corporation USB2240 Datasheet HTML 18Page - SMSC Corporation USB2240 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2240/USB2241
15
Revision 2.6 (05-08-08)
DATASHEET
MS Card
Insertion GPIO
GPIO12
(MS_INS)
24
IPU
This is a GPIO designated as the Memory StickTM
card detection pin.
SECURE DIGITAL INTERFACE
SD Data
SD_D[7:0]
7
8
10
20
23
25
4
5
I/O12PU
The bi-directional signals should have weak pull-up
resistors. The register can be controlled by:
SD_MMC_INTF_EN bit of SDC_MODE_CTL
SD Clock
SD_CLK
9
O12
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD Command
SD_CMD
11
I/O12PU
This is a bi-directional signal that connects to the
CMD signal of SD/MMC device. The bi-directional
signal should have an internal weak pull-up resistor.
The pull-up register can be controlled by:
SD_MMC_INTF_EN bit of SDC_MODE CTL
SD Write
Protected GPIO
GPIO6
(SD_nWP)
30
I/O12
This is a GPIO designated as the Secure Digital
card mechanical write detect pin.
SD Card Detect
GPIO
GPIO15
(SD_nCD)
26
I/O12
This is a GPIO designated as the Secure Digital
card detection pin.
USB INTERFACE
USB Bus Data
USB+
USB-
2
3
I/O-U
These pins connect to the USB bus data signals.
USB
Transceiver
Bias
RBIAS
35
I-R
A 12.0k , 1.0% resistor is attached from VSSA to
this pin in order to set the transceiver's internal bias
currents.
24MHz Crystal
or external
clock input
XTAL1
(CLKIN)
33
ICLKx
This pin can be connected to one terminal of the
crystal or can be connected to an external 24 clock
when a crystal is not used.
24MHz Crystal
XTAL2
32
OCLKx
This is the other terminal of the crystal, or left open
when an external clock source is used to drive
XTAL1/CLKIN. It may not be used to drive any
external circuitry other than the crystal circuit.
MISC
General
Purpose I/O
GPIO1
(LED1)
1
I/O12
This pin may be used either as input, edge sensitive
interrupt input, or output.
In addition, as an output, the GPIO1 can be used
output controlled by the LED1_GPIO1 register.
Table 5.1 USB2240/USB2241 36-Pin QFN Pin Descriptions (continued)
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com