| データシートサーチシステム |
|
DIO1298 データシート(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1298 データシート(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD |
|
21 / 23 page ![]() DIO1298 Version 1.2, Apr 2026 www.dioo.com © 2026 Dioo Microcircuits Co., Ltd. Jiangsu 17 11.PCB Layout Recommendations To support heavy load currents, a good PCB thermal design is essential. For DIO1298 EVB, it extends the fill area for the IN, OUT, and GND copper planes to a total area of about 4 square inches for enhanced thermal performance. Given the number of bumps on IN and OUT, these two planes are particularly important and should not be overlooked. Additionally, adding back-side and/or buried-layer fill area with thermal vias can significantly improve thermal performance. Apart from thermal considerations, the PCB layout for the DIO1298 is relatively straightforward. Locate the input and output capacitors in close proximity to the IC. Utilize the top-side copper layer to connect the capacitor ground terminals together and to the GND pins. Route the control signals on buried layers. For the internally set 33 V OVP, directly connect the OVLO pin to the GND pins. |