| データシートサーチシステム |
|
DIO1298 データシート(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1298 データシート(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD |
|
5 / 23 page ![]() DIO1298 Version 1.2, Apr 2026 www.dioo.com © 2026 Dioo Microcircuits Co., Ltd. Jiangsu 1 1. Pin Assignment and Functions Figure 1. WLCSP-25 (Top view) Pin No. Pin Name Description A1~5, B1~5 OUT Power switch output. Connect to battery charger input, or VSYS in systems without rechargeable batteries. C1~5, D1~5 IN Power switch input. Connect to power input port (VBUS on USB port). E1 __ EN Enable. Active low (Only for DIO1298A). EN Enable. Active high (Only for DIO1298B). E2 OVLO External OVLO adjusting. Adjust the OVLO threshold by connecting an external resistive voltage divider from IN to OVLO to GND. Use the internally fixed OVLO threshold by connecting to GND. E3 ____ ACOK Power good flag. Active low, open-drain logic output. Use external pull-up resistor to a suitable I/O voltage. If not used, leave floating or connect to ground. E4~5 GND Ground. High current ground return path during surge events. |