データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CML5 データシート(PDF) 2 Page - Clarke International

部品番号 CML5
部品情報  HYDRAULIC MOTORCYCLE LIFT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML5 データシート(HTML) 2 Page - Clarke International

  CML5 Datasheet HTML 1Page - Clarke International CML5 Datasheet HTML 2Page - Clarke International CML5 Datasheet HTML 3Page - Clarke International CML5 Datasheet HTML 4Page - Clarke International CML5 Datasheet HTML 5Page - Clarke International CML5 Datasheet HTML 6Page - Clarke International CML5 Datasheet HTML 7Page - Clarke International CML5 Datasheet HTML 8Page - Clarke International CML5 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE hydraulic motorcycle lift.
Before attempting to operate this product, it is essential that you read this
manual thoroughly and carefully follow all instructions given. In doing so you
can look forward to the product giving you long and satisfactory service.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
Model Number
CML5
Maximum Load
680 kg
Minimum Table Height
135 mm
Maximum Table Height
430 mm
Overall Length (inc handle)
1200 mm
Overall Width
390 mm
Weight
37.5 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com