データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CML5 データシート(PDF) 3 Page - Clarke International

部品番号 CML5
部品情報  HYDRAULIC MOTORCYCLE LIFT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML5 データシート(HTML) 3 Page - Clarke International

  CML5 Datasheet HTML 1Page - Clarke International CML5 Datasheet HTML 2Page - Clarke International CML5 Datasheet HTML 3Page - Clarke International CML5 Datasheet HTML 4Page - Clarke International CML5 Datasheet HTML 5Page - Clarke International CML5 Datasheet HTML 6Page - Clarke International CML5 Datasheet HTML 7Page - Clarke International CML5 Datasheet HTML 8Page - Clarke International CML5 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
1. ALWAYS work in accordance with the instruction handbook.
2. NEVER exceed the maximum safe working load of 680 kg, and only use the
motorcycle lift for its intended purpose.
3. NEVER use the lift if it has been subjected to an abnormal load or shock. It
should be removed from service immediately and fully inspected by
qualified personnel, and passed as serviceable, before being used again.
4. NEVER rely upon the hydraulic ram to support the saddle when loaded.
Always use the locking bar to hold the saddle in one of the positions
provided.
5. ALWAYS use the lift on a solid, flat, level surface.
6. ALWAYS screw down the stabilisers before putting the saddle under load.
NOTE: The castors are not designed to take the weight of the motorcycle,
but are used merely to move the lift quickly and easily around the
workshop. On no account must you raise a loaded platform
unless the stabilisers are screwed down, and NEVER use the lift to
transport a load.
7. ALWAYS use appropriate safety equipment, such as protective footwear,
when using this lift.
8. ALWAYS inspect the lift before use to ensure it is in good condition, and
replace any damaged or worn parts.
9. ALWAYS use spare parts supplied by Clarke International. Using non-
standard parts could be extremely dangerous.
10. ENSURE the operator is trained in both operational and safety aspects.
11. NEVER leave this lift unattended whilst there is a load on it.
12. NEVER allow children or bystanders anywhere near this lift whilst it is in use.
13. NEVER use this lift to lift people or animals.
UNPACKING
Check to ensure that no damage has occurred during transit. Any damage
should be reported to your Clarke dealer immediately. The following should be
included:
1 x Main frame assembly
1 x Lifting pedal
1 x T - Handle assembly and retaining pin
1 x Locking bar handle
1 x Hydraulic pump assy c/w lowering pedal
1 x Pair of ratchet straps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com