データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC648 データシート(PDF) 10 Page - STMicroelectronics

部品番号 M74HC648
部品情報  HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC648 データシート(HTML) 10 Page - STMicroelectronics

Back Button M74HC648 Datasheet HTML 4Page - STMicroelectronics M74HC648 Datasheet HTML 5Page - STMicroelectronics M74HC648 Datasheet HTML 6Page - STMicroelectronics M74HC648 Datasheet HTML 7Page - STMicroelectronics M74HC648 Datasheet HTML 8Page - STMicroelectronics M74HC648 Datasheet HTML 9Page - STMicroelectronics M74HC648 Datasheet HTML 10Page - STMicroelectronics M74HC648 Datasheet HTML 11Page - STMicroelectronics M74HC648 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Plastic DIP24 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
32.2
1.268
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
27.94
1.100
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
P043A
M74HC646/648
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12