データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC648 データシート(PDF) 11 Page - STMicroelectronics

部品番号 M74HC648
部品情報  HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC648 データシート(HTML) 11 Page - STMicroelectronics

Back Button M74HC648 Datasheet HTML 4Page - STMicroelectronics M74HC648 Datasheet HTML 5Page - STMicroelectronics M74HC648 Datasheet HTML 6Page - STMicroelectronics M74HC648 Datasheet HTML 7Page - STMicroelectronics M74HC648 Datasheet HTML 8Page - STMicroelectronics M74HC648 Datasheet HTML 9Page - STMicroelectronics M74HC648 Datasheet HTML 10Page - STMicroelectronics M74HC648 Datasheet HTML 11Page - STMicroelectronics M74HC648 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SO24 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45
° (typ.)
D
15.20
15.60
0.598
0.614
E
10.00
10.65
0.393
0.420
e
1.27
0.05
e3
13.97
0.55
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
S8
° (max.)
L
E
e
D
e3
b
24
13
112
c1
s
M74HC646/648
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12