| データシートサーチシステム |
|
RA4E2 データシート(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 データシート(HTML) 42 Page - Renesas Technology Corp |
|
42 / 91 page ![]() tTXD tRXS tRXH TXDn RXDn SCKn Note: n = 0, 9 Figure 2.27 SCI input/output timing in clock synchronous mode Table 2.25 SCI timing (2) Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register. Parameter Symbol Min Max Unit Test conditions Simple SPI SCK clock cycle output (master) tSPcyc 4 65536 tPcyc Figure 2.28 SCK clock cycle input (slave) 6 65536 SCK clock high pulse width tSPCKWH 0.4 0.6 tSPcyc SCK clock low pulse width tSPCKWL 0.4 0.6 tSPcyc SCK clock rise and fall time tSPCKr, tSPCKf — 5 ns Data input setup time master tSU 15 — ns Figure 2.29 to Figure 2.32 slave 5 — ns Data input hold time tH 5 — ns SS input setup time tLEAD 1 — tSPcyc SS input hold time tLAG 1 — tSPcyc Data output delay master tOD — 5 ns slave — 25 ns Data output hold time tOH -5 — ns Data rise and fall time tDr, tDf — 5 ns SS input rise and fall time tSSLr, tSSLf — 5 ns Slave access time tSA — 3 × tPcyc + 25 ns Figure 2.32 Slave output release time tREL — 3 × tPcyc + 25 ns Note: tPcyc: PCLKA cycle. RA4E2 Datasheet 2. Electrical Characteristics R01DS0413EJ0150 Rev.1.50 May 29, 2026 Page 42 of 91 |