| データシートサーチシステム |
|
RA4L1 データシート(PDF) 111 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4L1 データシート(HTML) 111 Page - Renesas Technology Corp |
|
111 / 125 page ![]() Appendix 1. Port States in Each Processing Mode Table A1.1 Port states in each processing mode Function Pin function Reset Software Standby mode Mode MD Pull-up Keep-O IRQ IRQx Hi-Z Keep-O*1 AGT AGTIOn Hi-Z AGTIOn input AGTOn/AGTOAn/AGTOBn Hi-Z AGTOn/AGTOAn/AGTOBn output SCI RXD0 Hi-Z Keep-O*1 IIC SCLn/SDAn Hi-Z Keep-O*1 I3C I3C_SCL0/I3C_SDA0 Hi-Z Keep-O*1 UARTA CLKAn Hi-Z CLKAn output RxDAn Hi-Z RxDAn input USBFS USB_OVRCURx/USB_VBUS Hi-Z Keep-O*1 USB_DP/USB_DM Hi-Z Keep-O*2 RTC RTCICx Hi-Z RTCICx input RTCOUT Hi-Z RTCOUT output ACMPLP CMPINn/CMPREFn Hi-Z CMPINn/CMPREFn input VCOUT Hi-Z VCOUT output CLKOUT CLKOUT Hi-Z CLKOUT output DAC DA0 Hi-Z D/A output retained SLCDC SEGx/COMx Hi-Z SEGx/COMx output VLx/CAPH/CAPL Hi-Z VLx/CAPH/CAPL input Others — Hi-Z Keep-O Note: H: High-level L: Low-level Hi-Z: High-impedance Keep-O: Output pins retain their previous values. Input pins go to high-impedance. Note 1. Input is enabled if the pin is specified as the Software Standby canceling source while it is used as an external interrupt pin. Note 2. Input is enabled while the pin is used as an input pin. RA4L1 Datasheet Appendix 1. Port States in Each Processing Mode R01DS0447EJ0131 Rev.1.31 May 26, 2026 Page 111 of 125 |