| データシートサーチシステム |
|
RA4L1 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4L1 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 125 page ![]() Table 1.16 Pin functions (2 of 4) Function Signal I/O Description SCI SCKn I/O Input/output pins for the clock (clock synchronous mode) RXDn Input Input pins for received data (asynchronous mode/clock synchronous mode) TXDn Output Output pins for transmitted data (asynchronous mode/clock synchronous mode) CTSn_RTSn I/O Input/output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active- low. CTSn Input Input for the start of transmission. SCLn I/O Input/output pins for the IIC clock (simple IIC mode) SDAn I/O Input/output pins for the IIC data (simple IIC mode) SCKn I/O Input/output pins for the clock (simple SPI mode) MISOn I/O Input/output pins for slave transmission of data (simple SPI mode) MOSIn I/O Input/output pins for master transmission of data (simple SPI mode) RXDXn Input Input pins for received data (Simple LIN Mode) TXDXn Output Output pins for transmitted data (Simple LIN Mode) SIOXn I/O Input/output pins for received or transmitted data (Simple LIN Mode) SSn Input Chip-select input pins (simple SPI mode), active-low IIC SCLn I/O Input/output pins for the clock SDAn I/O Input/output pins for data I3C I3C_SCL0 I/O Input/output pin for clock I3C_SDA0 I/O Input/output pin for data UARTA RxDAn Input Serial data input signal TxDAn Output Serial data output signal CLKAn Output Serial clock output signal SPI RSPCKA I/O Clock input/output pin MOSIA I/O Input or output pin for data output from the master MISOA I/O Input or output pin for data output from the slave SSLA0 I/O Input or output pin for slave selection SSLA1 to SSLA3 Output Output pins for slave selection CANFD CRXn Input Receive data CTXn Output Transmit data RA4L1 Datasheet 1. Overview R01DS0447EJ0131 Rev.1.31 May 26, 2026 Page 13 of 125 |