| データシートサーチシステム |
|
AS1111 データシート(PDF) 3 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1111 データシート(HTML) 3 Page - ams-OSRAM AG |
|
3 / 23 page ![]() Page 2 ams Datasheet Document Feedback [v1-06] 2015-Apr-07 AS1111 − General Description Applications The AS1111 devices are ideal for LED displays and keyboard backlights, as well as lighting management units for battery powered audio devices such as • MP3 and CD players, • Mobile and cordless phones, •PDAs, • Portable DVD players, and • Consumer electronics. Application Diagram The typical application diagram of this device for reference is shown below: Figure 2: AS1111 Typical Application Diagram EN CTRL GND ON OFF VIN AS1111A I1/I2 I3/I4 VSET 3.0V RSET VSAT EN CTRL GND ON OFF VIN AS1111B I1 I3 VSET 3.0V RSET VSAT I2 EN CTRL GND ON OFF VIN AS1111C I1 I3 VSET 3.0V RSET VSAT I2 I4 |