| データシートサーチシステム |
|
AS1111 データシート(PDF) 4 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1111 データシート(HTML) 4 Page - ams-OSRAM AG |
|
4 / 23 page ![]() ams Datasheet Page 3 [v1-06] 2015-Apr-07 Document Feedback AS1111 − Pin Assignment Figure 3: Pin Assignment of AS1111A/B and AS1111C Pin Assignment: Shows the TOP through view pin assignment of the AS1111A/B and AS1111C. Pin Description Figure 4: Pin Description of AS1111 Pin Number Pin Name Description AS1111A AS1111B AS1111C A2 A2 4 GND Ground. Connect to GND B2 - - GND Ground. Connect to GND (AS1111A) B3 B3 7 CTRL Control. Sets the LED current; connect to external resistor RSET B1 B1 1 EN Enable. Device enable/PWM Input. 1 = Normal Operation 0 = Shutdown -A3 5 I1 Input1. Connect to cathode of LED1 (AS1111B&C) -B2 6 I2 Input2. Connect to cathode of LED2 (AS1111B&C) -A1 2 I3 Input3. Connect to cathode of LED3 (AS1111B&C) Pin Assignment 1 2 3 4 AS1111C MLPD 8-pin 2x2mm Exposed pad: GND 9 8 7 6 5 |