| データシートサーチシステム |
|
AS7261 データシート(PDF) 30 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7261 データシート(HTML) 30 Page - ams-OSRAM AG |
|
30 / 48 page ![]() ams Datasheet Page 29 [v1-00] 2016-Dec-30 Document Feedback AS7261 − Detailed Descriptions Figure 30: UART Protocol AT Command Interface The microprocessor interface to control the AS7261 is via the UART, using AT Commands across the UART interface. This AT Command interface provides a text-based serial command interface borrowed from the “AT Command” model used in early Hayes modems. For example: • Read DATA value: ATDATA → <data>OK • Set the gain of the sensor to 1x: ATGAIN =0 → OK The “AT Command Interface Block Diagram”, shown below between the network interface and the core of the system, provides access to the AS7261’s Cognitive Light Engine’s control and configuration functions. Figure 31: AT Command Interface Block Diagram Start Bit TX D0 D1 D2 D3 D4 D5 D6 D7 D0 D0 D1 D2 D3 D4 D5 D6 D7 D0 Tbit=1/Baude Rate Stop Bit Next Start Sample Points Start Bit detected After Tbit/2: Sampling of Start Bit After Tbit: Sampling of Data RX Always Low Always High Data Bits AT Command Interface Cognitive Light Engine AT Command Interface RX uP TX AS7261 AT Command Interface AT Commands |